Part Number Hot Search : 
EE08489 T114033 SBT607 SMBJ110 TISP4070 R325CH02 BZX79C27 CLV0950E
Product Description
Full Text Search
 

To Download 2SC5517 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC5517
DESCRIPTION *High Breakdown VoltageVCBO= 1700V (Min) *High Switching Speed *Wide Area of Safe Operation *Built-in Damper Diode
APPLICATIONS *Designed for horizontal deflection output applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
VCES
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current- Continuous
w w
scs .i w
1700 V 1700 V 7 V 6 A 12 A 3 A 3 W
.cn mi e
ICM
Collector Current- Peak
IB
B
Base Current- Continuous Collector Power Dissipation @ Ta=25
PC Collector Power Dissipation @ TC=25 TJ Junction Temperature 40
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC5517
TYP.
MAX
UNIT
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 500mA; IC= 0
7
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4.5A; IB= 0.9A
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 4.5A; IB= 0.9A VCB= 1000V; IE= 0 VCB= 1700V; IE= 0 IC= 4.5A; VCE= 5V 5
1.5 50 1.0 9
V A mA
ICBO
Collector Cutoff Current
hFE
DC Current Gain
fT
Current-Gain--Bandwidth Product
IC= 0.1A; VCE= 10V
VECF
C-E Diode Forward Voltage
Switching Times
tstg
Storage Time
tf
Fall Time
w
w. w
IF= 4.5A
sem isc
.cn i
3
MHz
2.0
V
5.0
s
IC= 4.5A; IB1= 0.9A; IB2= -1.8A 0.5 s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC5517

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X